PART |
Description |
Maker |
HL02U05S05 HL02U24S05 HL02U05D12 HL02U15D12 HL02U0 |
10 UH 10% 0.25" RF/MOULD. CHOKE 2瓦特未稳压DC / DC变换 2 WATT UNREGULATED DC/DC CONVERTER 2 Watts Unregulated DC/DC Converter
|
CANDD[C&D Technologies]
|
D57-151333-K000G D57-210952-K000G D57-220909-K000G |
D57 Euro Desktop Unregulated 20 Watts Series
|
SL Power Electronics
|
PWR1240C PWR1242C PWR1218C PWR1243C PWR1214C PWR12 |
3 Watts Unregulated DC/DC Converters 3 Watts Unregulated DC/DC Converters
|
Murata Power Solutions Inc. Murata Power Solutions ...
|
KSC1675COBU KSC1675CRBU KSC1675CYTA KSC1675O KSC16 |
NPN Epitaxial Silicon Transistor FM/AM RF AMP, MIX, CONV,OSC,IF FM/AM RF AMP/ MIX/ CONV/OSC/IF
|
FAIRCHILD[Fairchild Semiconductor]
|
PN6CU-4812E PN6CU-0505E PN6CU-0512E PN6CU-1205E PN |
Input voltage: 48V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 48V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 3.3V (303mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 PN6CU - XXXXE 1KV交隔W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
P6BU-2415E P6BU-0505E P6BU-0512E P6BU-0515E P6BU-0 |
Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU - XXXXE 1KV交隔W的未稳压单输出DIP8 P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU - XXXXE 1KV交隔1W的未稳压单输出DIP8
|
http:// PEAK[PEAK electronics GmbH]
|
CS299 CS299H |
IC AC/DC CONV 12V 300MA SIP12 Darlington Lamp Driver
|
ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|
MPD6D128S |
CONV DC/DC 30W 5.0VOUT 6A SMT 1-OUTPUT 30 W DC-DC REG PWR SUPPLY MODULE
|
Murata Manufacturing Co., Ltd.
|
A1141LLH A1142ELH A1142EUA A1142LLH A1142LUA A1140 |
CONV DC-DC 24V IN 3.3V OUT 50W Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches 敏感的两线斩波稳定单极霍尔效应开
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
KSC2715 |
NPN (FM RADIO AMP, MIX, CONV OSC, IF AMP) NPN (FM RADIO AMP/ MIX/ CONV OSC/ IF AMP)
|
SAMSUNG[Samsung semiconductor]
|